PART |
Description |
Maker |
AIC1567 AIC1567CS AIC1567CN |
5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
|
AIC[Analog Intergrations Corporation] Analog Integrations Corporation
|
AIC1574 AIC1574CS |
5-bit DAC/ Synchronous PWM Power Regulator with Triple Linear Controllers 5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
|
Analog Intergrations Corporation Analog Integrations Corporation
|
W583S10 W5830 W583S99 W583M02 W583S15 W583S20 W583 |
HIGH FIDELITY Power Speech Voice Synthesizer w/8 triggers, 8 STOPs, R0-R7, uC Interface, PWM/DAC (60 sec) Voice Synthesizer w/8 triggers, 8 STOPs, R0-R7, uC Interface, PWM/DAC (50 sec) Voice Synthesizer w/8 triggers, 8 STOPs, R0-R7, uC Interface, PWM/DAC (30 sec) Voice Synthesizer w/8 triggers, 8 STOPs, R0-R7, uC Interface, PWM/DAC (99 sec) Voice Synthesizer w/8 triggers, 8 STOPs, R0-R7, uC Interface, PWM/DAC (80 sec) Voice Synthesizer w/8 triggers, 8 STOPs, R0-R7, uC Interface, PWM/DAC (40 sec) Voice Synthesizer w/8 triggers, 8 STOPs, R0-R7, uC Interface, PWM/DAC (25 sec) Voice Synthesizer w/8 triggers, 8 STOPs, R0-R7, uC Interface, PWM/DAC (20 sec) Voice Synthesizer w/8 triggers, 8 STOPs, R0-R7, uC Interface, PWM/DAC (15 sec) Voice Synthesizer w/4 triggers, 5 STOPs, R0-R7, uC Interface, PWM/DAC (10 sec) Voice Synthesizer w/8 triggers, 8 STOPs, R0-R7, uC Interface, PWM/DAC (2 min) Voice Synthesizer w/8 triggers, 8 STOPs, R0-R7, µC Interface, PWM/DAC (2 min) (ROMless)
|
N.A. WINBOND[Winbond] Winbond Electronics Corp
|
ISL6569ACR-T ISL6569ACB ISL6569ACB-T ISL6569A |
PWM Controller, 2-Phase, 5-Bit DAC, Reg .5%, VCORE =0.80/1.55V Multi-Phase PWM Controller
|
INTERSIL[Intersil Corporation]
|
MP2932 MP2932GQK MP2932GQK-LF-P MP2932GQK-LF-Z |
6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
|
Monolithic Power System... MPS Industries, Inc.
|
AD7846KPZ 5962-8969701XA 5962-89697013A AD7846ACHI |
16-Bit Voltage Output CMOS DAC PARALLEL, WORD INPUT LOADING, 7 us SETTLING TIME, 16-BIT DAC, PQCC28 LC2MOS 16-Bit Voltage Output DAC
|
Analog Devices, Inc.
|
EVAL-AD5532EB AD5532ABC-1 AD5532ABC-2 AD5532ABC-3 |
32-Channel 14-Bit Bipolar Voltage-Output DAC SERIAL INPUT LOADING, 14-BIT DAC, PBGA74 32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode 32-Channel Voltage-Output 14-bit Digital-to-Analog Converter
|
Analog Devices, Inc. AD[Analog Devices]
|
HIP6303 HIP6303CB HIP6303CB-T HIP6303EVAL1 |
Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller PWM Controller, 2-4 Phase Sync Buck, 4-Bit VID DAC, 1.30V to 2.05V in 50mV Steps, % Reg, AMD Athlon Compatible
|
INTERSIL[Intersil Corporation]
|
AD5310 AD5310BRM AD5310BRT AD5310BRM-REEL AD5310BR |
2.5 V to 5.5 V/ 230uA/ Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs 2.7 V to 5.5 V, 140 A, Rail-to-Rail Voltage Output 10-Bit DAC 2.7 V to 5.5 V, 140 uA, Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7 V to 5.5 V/ 140 uA/ Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 Lithium Battery; Voltage Rating:3.6V; Battery Terminals:Connector SERIAL INPUT LOADING, 6 us SETTLING TIME, 10-BIT DAC, PDSO8 2.7 V to 5.5 V. 140 uA. Rail-to-Rail Voltage Output 10-Bit DAC in a SOT-23 2.7伏至5.540微安。轨至轨电压输出10位DAC采用SOT - 23 2.7 V to 5.5 V, 140 µA, Rail-to-Rail Voltage Output 10-Bit DAC 2.5 V to 5.5 V/ 115 uA/ Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
ISL6306 ISL6306CRZ ISL6306IRZ |
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
|
Intersil Corporation
|
ISL6326 ISL6326CRZ ISL6326IRZ |
4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
|
Intersil Corporation
|
ISL6564AIRZ ISL6564ACRZ ISL6564A |
Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
|
INTERSIL[Intersil Corporation]
|